PART |
Description |
Maker |
COM117HVT |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTA G E COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
|
International Rectifier ETC N.A. List of Unclassifed Manufacturers
|
LM117A IP117A LM117HVK-883B LM117 IP317 IP117 IP31 |
CAP .068UF 100V METAL FILM BOX 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS 1.5放大器阳性您好可调电压调节器- Rel应用 Voltage Regulator 电压调节 1.25 V-60 V ADJUSTABLE POSITIVE REGULATOR, PSFM3 1.5A Adjustable Positive Voltage Regulator 0.5A Adjustable Positive Voltage Regulator
|
TT electronics Semelab, Ltd. Avago Technologies, Ltd. Delta Electronics, Inc. INTERPION SEMICONDUCTOR CO., LTD. NXP Semiconductors N.V. Power Dynamics, Inc. ITT, Corp. TT electronics Semelab Limited SEME-LAB[Seme LAB] http:// SEMELAB LTD
|
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LM317 LM317CT |
IC VREG 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3, TO-220, 3 PIN, Adjustable Positive Single Output Standard Regulator 3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
|
Vishay Semiconductors Vishay Siliconix
|
77034052 7703405N 7703405T 7703405U 7703405Y OM132 |
1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405 Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator Three Terminal, Precision Adjustable Positive Voltage Regulator In Hermetic Style Packages MB 8C 8#20 PIN PLUG MB 3C 3#16 PIN PLUG MB 8C 8#20 SKT PLUG RoHS Compliant: No 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
HLA |
Industrial Power, Adjustable (HLA) and Tapped (HLT), Adjustable Resistor or Voltage Divider, May Be Used as Multi-Tap Resistor
|
Vishay
|
RC1117DX RC1117X33 |
1A Adjustable/Fixed Low Dropout Linear Regulator VOLT REGULATOR|ADJUSTABLE| 1.25 TO 6.3V|BIPOLAR|SIP|3PIN|PLASTIC
|
Fairchild Semiconductor
|
LM317M |
3-Terminal 0.5A Positive Voltage Adjustable Regulator (Output Voltage Adjustable Over1.2V to 37V)(三端可调正输出电压稳压器(输出可调电压:1.2V7V、输.5A
|
Fairchild Semiconductor Corporation
|
TC1187VCT TC1070 TC1070VCT TC1071 TC1071VCT TC1187 |
The TC1070, TC1071, and TC1187 are adjustable LDOs designed to supersede a variety of older (bipolar) voltage regulators. Total supply current is typically 50A at full load, 20 to 60 times lower than in bipolar regulators! The devicesR 50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown (TC1071) Adjustable CMOS LDOs with Shutdown
|
MICROCHIP[Microchip Technology]
|
OM185ST OM186SR OM186ST OM183SC OM184SC OM185SR |
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS 7.5A / 5A / 3A / 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 TO-258AA, 3 PIN
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. International Rectifier, Corp.
|
MAX856-MAX859 MAX859CSA MAX859CUA MAX859ESA MAX859 |
3-Line To 8-Line Decoders/Demultiplexers 16-CDIP -55 to 125 3.3V/5V or Adjustable-Output / Step-Up DC-DC Converters 8-Line To 3-Line Priority Encoders 16-CFP -55 to 125 3.3V/5V or Adjustable-Output Step-Up DC-DC Converters 3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters 3.3V/5V or Adjustable Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|